Part Number Hot Search : 
PIC18F4 PI74FCT SF4003GP 01456 C2625 AD560 CAT512 B2901
Product Description
Full Text Search
 

To Download 2SB1412 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SB1412
Elektronische Bauelemente
RoHS Compliant Product
PNP Silicon Low Frequency Transistor
Features
1)Low VCE(sat). 2)Excellent DC current gain characteristics 3)Complements the 2SD2118
6.6 5.3
0.2 0.2 0.1
D-Pack
2.3 0.5
0.1
0.1
!Absolute maximum ratings (Ta=25C)
Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current VCBO VCEO VEBO IC -30 -20 -6 -5 -10 0.5 2 PC 1 10 2SB1326 Junction temperature Storage temperature Tj Tstg 1 150 -55~+150 V V V
0.2
2.5
A(Pulse) 1 W W W W(TC=25C) W
3 2
0.7
0.8
0.1
1.0
0.3
A(DC)
5.6
7.0
0.2
0.2
Parameter
Symbol
Limits
Unit
1.2 1.5Max
0.3
2SB1386 Collector power dissipation 2SB1412
0.3 0.1
0.6 2.3
0.1
C C
1 Single pulse, Pw=10ms 2 When mounted on a 40x40x0.7 mm ceramic board. 3 Printed circuit board glass epoxy board 1.6 mm thick with copper plating 100mm2 or larger.
!Electrical characteristics (Ta=25C)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage DC current transfer ratio 2SB1386,2SB1412 2SB1326 hFE fT Cob Symbol BVCBO BVCEO BVEBO ICBO IEBO Min. -30 -20 -6 - - - 82 120 - - Typ. - - - - - - - - 120 60 Max. - - - -0.5 -0.5 -1.0 390 390 - - Unit V V V A A V - - MHz pF IC=-50A IC=-1mA IE=-50A VCB=-20V VEB=-5V IC/IB=-4A/-0.1A VCE=-2V, IC=-0.5A VCE=-6V, IE=50mA, f=30MHz VCB=-20V, IE=0A, f=1MHz Conditions
VCE(sat)

Transition frequency Output capacitance
Measured using pulse current.
!Packaging specifications and hFE
Package Code Type 2SB1386 2SB1412 2SB1326 hFE PQR PQR QR - - - Basic ordering unit (pieces) T100 1000 Taping TL 2500 - TV2 2500 - -
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 3
2SB1412
Elektronische Bauelemente
PNP Silicon Low Frequency Transistor
!Electrical characteristic curves
COLLECTOR CURRENT : IC (A)
-10 VCE=-2V -5
COLLECTOR CURRENT : IC (A)
-5
DC CURRENT GAIN : hFE
-2 -1 -500m -200m -100m -50m -20m -10m -5m -2m -1m 0
Ta=100C 25C -25C
-4
-50mA -45mA -40mA -35mA
Ta=25C mA -30 A -25m -20mA -15mA
5k 2k 1k 500 200 100 50 20 10
Ta=25C
-3
-10mA
VCE=-5V
-2
-5mA
-2V -1V
-1
IB=0A
0
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4
BASE TO EMITTER VOLTAGE : VBE (V)
5
-1m -2m -5m-0.01-0.02 -0.05 -0.1 -0.2 -0.5 -1 -2 -5 -10
0
-0.4
-0.8
-1.2
-1.6
-2.0
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
COLLECTOR CURRENT : IC (A)
Fig.1 Grounded emitter propagation characteristics
Fig.2 Grounded emitter output characteristics
Fig.3 DC current gain vs. collector current ()
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
5k 2k
DC CURRENT GAIN : hFE
VCE=-1V
5k 2k
VCE=-2V
-5 -2 -1 -0.5 -0.2 -0.1 -0.05 -0.02 -0.01
Ta=25C
1k 500 200 100 50 20 10 5
-1m-2m -5m-0.01-0.02-0.05 -0.1 -0.2 -0.5 -1 -2 -5 -10
DC CURRENT GAIN : hFE
1k 500 200 100 50 20 10 5
-1m-2m -5m-0.01-0.02-0.05-0.1 -0.2 -0.5 -1 -2 -5 -10
Ta=100C 25C -25C
Ta=100C 25C -25C
IC/IB=50/1 40/1 /1 30/1 10/1
-2m -5m -0.01-0.02-0.05 -0.1 -0.2 -0.5 -1 -2
-5 -10
COLLECTOR CURRENT : IC (A)
COLLECTOR CURRENT : IC (A)
COLLECTOR CURRENT : IC (A)
Fig.4 DC current gain vs. collector current ()
Fig.5 DC current gain vs. collector current ()
Fig.6 Collector-emitter saturation voltage vs. collector current ()
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
lC/lB=10
lC/lB=30
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
-5 -2 -1 -0.5 -0.2 -0.1 -0.05 -0.02 -0.01
-5 -2 -1 -0.5 -0.2 -0.1 -0.05 -0.02 -0.01
-5 -2 -1 -0.5 -0.2 -0.1
lC/lB=40
-25C
25C
Ta=100C 25C
Ta=100C 25C -25C
-25C
Ta=100C
-0.05 -0.02 -0.01
-2m -5m -0.01-0.02 -0.05 -0.1 -0.2 -0.5 -1 -2 -5 -10
-2m -5m -0.01-0.02-0.05 -0.1 -0.2 -0.5 -1 -2
-5 -10
-2m -5m -0.01-0.02 -0.05 -0.1 -0.2 -0.5 -1 -2
-5 -10
COLLECTOR CURRENT : IC (A)
COLLECTOR CURRENT : IC (A)
COLLECTOR CURRENT : IC (A)
Fig.7 Collector-emitter saturation voltage vs. collector current ()
Fig.8 Collector-emitter saturation voltage vs. collector current ()
Fig.9 Collector-emitter saturation voltage vs. collector current (IV)
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 3
2SB1412
Elektroni sche Bauelemente
PNP Silicon Low Frequency Transistor
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
TRANSEITION FREQUENCY : fT (MHz)
lC/lB=50
-25C 25C Ta=100C
-2 -1 -0.5 -0.2 -0.1 -0.05 -0.02 -0.01
500 200 100 50 20 10 5 2 1 1 2 5 10 20
Ta=25C VCE=-6V
COLLECTOR OUTPUT CAPACITANCE : Cob (pF)
-5
1 000
1000 500
Ta=25C f=1MHz IE=0A
200 100 50
20 10 -0.1 -0.2
-2m -5m -0.01 -0.02 -0.05 -0.1 -0.2 -0.5 -1 -2
-5 -10
50 100 200 500 1000
-0.5 -1
-2
-5 -10 -20
-50
COLLECTOR CURRENT : IC (A)
EMITTER CURRENT : IE (mA)
COLLECTOR TO BASE VOLTAGE : VCB (V)
Fig.10 Collector-emitter saturation voltage vs. collector current (V)
Fig.11 Gain bandwidth product vs. emitter current
Fig.12 Collector output capacitance vs. collector-base voltage
EMITTER INTPUT CAPACITANCE : Cib (pF)
1000 500
COLLECTOR CURRENT : IC (A)
Ta=25C f=1MHz IC=0A
100 50 20 10
Ta=25C Single nonrepetitive pulse
Pw
200 100 50
5 2 1 500m 200m 100m 50m 20m 10m
Pw =1
DC
0 =1 ms
ms
00
20 10 -0.1
-0.2
-0.5
-1
-2
-5
-10
0.2 0.5 1
2
5 10 20 50 100 200 500
EMITTER TO BASE VOLTAGE : VEB (V)
COLLECTOR TO EMITTER VOLTAGE : -VCE (V)
Fig.13 Emitter input capacitance vs. emitter-base voltage
Fig.14 Safe operation area (2SB1412)
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of 2SB1412

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X